|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
(R) STTA2006P/PI TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE MAIN PRODUCT CHARACTERISTICS IF(AV) VRRM trr (typ) VF (max) 20A 600V 30ns 1.5V K FEATURES AND BENEFITS s s s s s SPECIFIC TO "FREEWHEEL MODE" OPERATIONS: FREEWHEEL OR BOOSTER DIODE. ULTRA-FAST AND SOFT RECOVERY. VERY LOW OVERALL POWER LOSSES IN BOTH THE DIODE AND THE COMPANION TRANSISTOR. HIGH FREQUENCY OPERATIONS. INSULATED PACKAGE : DOP3I Electrical insulation : 2500VRMS Capacitance < 12 pF A K SOD93 DESCRIPTION The TURBOSWITCH is a very high performance series of ultra-fast high voltage power diodes from 600V to 1200V. TURBOSWITCH family, drastically cuts losses in both the diode and the associated switching IGBT or MOSFET in all "freewheel mode" operations ABSOLUTE RATINGS (limiting values) Symbol O bs Tj VRRM VRSM IFRM IFSM Tstg let o Pr e du o (s) ct so Ob - STTA2006P eP let od r uc s) t( K A Isolated DOP3I STTA2006PI and is particularly suitable and efficient in Motor control freewheel applications and in booster diode applications in power factor control circuitries. Packaged either in SOD93 or in DOP3I, these Parameter Value 600 600 50 tp = 5 s F = 5kHz square tp=10 ms sinusoidal 270 180 150 -65 to 150 Unit V V A A A C C Repetitive peak reverse voltage Non repetitive peak reverse voltage RMS forward current Repetitive peak forward current Surge non repetitive forward current IF(RMS) Maximum operating junction temperature Storage temperature range TM : TURBOSWITCH is a trademark of STMicroelectronics May 2002 - Ed: 4D 1/8 STTA2006P/PI THERMAL AND POWER DATA Symbol Rth(j-c) P1 Pmax Parameter Junction to case thermal resistance Conduction power dissipation IF(AV) = 20A =0.5 Total power dissipation Pmax = P1 + P3 (P3 = 10% P1) Test conditions SOD93 DOP3I SOD93 DOP3I SOD93 DOP3I Tc= 96C Tc= 74C Tc= 90C Tc= 66C Value 1.5 2.1 36 40 Unit C/W W W STATIC ELECTRICAL CHARACTERISTICS Symbol VF IR * Parameter Forward voltage drop Reverse leakage current Threshold voltage Dynamic resistance * tp = 380 s, < 2% ** tp = 5 ms, < 2% Test conditions IF =20A VR =0.8 x VRRM Ip < 3.IAV Tj = 25C Tj = 125C Tj = 25C Tj = 125C Tj = 125C Min Typ 1.25 2.5 Max 1.75 1.5 100 6 Unit V V A mA V ** Vto rd Test pulse : To evaluate the maximum conduction losses use the following equation : P = Vto x IF(AV) + rd x IF2(RMS) DYNAMIC ELECTRICAL CHARACTERISTICS TURN-OFF SWITCHING Symbol trr Parameter Reverse recovery time Maximum reverse recovery current IRM S factor bs O tfr let o Softness factor Pr e od uc Tj = 25C IF = 0.5 A IR = 1A Irr = 0.25A IF = 1A dIF/dt =-50A/s VR =30V IF =20A (s) t Test conditions so Ob - Pr te le Min od uc 1.15 17 s) t( m Typ 30 Max Unit ns 60 A 12.5 17.5 Tj = 125C VR = 400V dIF/dt = -160 A/s dIF/dt = -500 A/s Tj = 125C VR = 400V dIF/dt = -500 A/s IF =20A 0.42 / TURN-ON SWITCHING Symbol Parameter Forward recovery time Test conditions Tj = 25C IF = 20A, dIF/dt = 160 A/s measured at, 1.1 x VFmax Min Typ Max 600 V 12 Unit ns VFp Peak forward voltage Tj = 25C IF =20A, dIF/dt = 160 A/s 2/8 STTA2006P/PI Fig. 1: Conduction losses versus average current. P1(W) 50 Fig. 2: Forward voltage drop versus forward current. VFM(V) 3.50 T MAXIMUM VALUES 3.00 40 30 20 =0.5 =0.1 =0.2 2.50 =tp/T tp Tj=125 oC 2.00 =1 1.50 1.00 0.50 10 0 0 IF(av)(A) 2 4 6 8 10 12 14 16 18 20 IFM(A) 0.00 0.1 1 10 100 200 Fig. 3: Relative variation of thermal transient impedance junction to case versus pulse duration. Fig. 4: Peak reverse recovery current versus dIF/dt. IRM(A) 40.0 37.5 90% CONFIDENCE Tj=125 oC 35.0 VR=400V 32.5 IF=40A 30.0 27.5 25.0 22.5 IF=20A 20.0 17.5 15.0 IF=10A 12.5 10.0 7.5 5.0 2.5 dIF/dt(A/ s) 0.0 0 100 200 300 400 500 600 700 800 900 1000 Fig. 5: Reverse recovery time versus dIF/dt. trr(ns) 250 225 200 175 150 125 100 75 50 25 0 0 IF=10A O bs let o Pr e du o (s) ct so Ob - te le ro P uc d s) t( Fig. 6: Softness factor (tb/ta) versus dIF/dt. S factor 1.2 Typical values Tj=125 oC 1.1 1.0 IF<2xIF(av) 0.9 VR=400V 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 dIF/dt(A/ s) 0.0 0 100 200 300 400 500 600 700 800 900 1000 90% CONFIDENCE Tj=125 oC VR=400V IF=40A IF=20A dIF/dt(A/ s) 100 200 300 400 500 600 700 800 900 1000 3/8 STTA2006P/PI Fig. 7: Relative variation of dynamic parameters versus junction temperature (reference Tj=125C). 2.50 2.25 2.00 S factor Fig. 9: Transient peak forward voltage versus dIF/dt. VFP(V) 16 15 90% CONFIDENCE Tj=125 oC 14 IF=IF(av) 13 12 11 10 9 8 7 6 5 4 3 2 1 dIF/dt(A/ s) 0 0 50 100 150 200 250 1.75 1.50 1.25 1.00 IRM 0.75 Tj(oC) 0.50 0 25 50 75 100 125 150 300 350 400 Fig. 9: Forward recovery time versus dIF/dt. tfr(ns) 600 550 500 450 400 350 300 250 200 150 100 50 0 0 90% CONFIDENCE Tj=125 oC VFr=1.1*VF max. IF=IF(av) dIF/dt(A/ s) 50 100 150 200 250 300 350 400 450 500 bs O let o Pr e du o (s) ct so Ob - te le ro P uc d s) t( 4/8 STTA2006P/PI APPLICATION DATA The TURBOSWITCH is especially designed to provide the lowest overall power losses in any "FREEWHEEL Mode" application (Fig.A) considering both the diode and the companion transistor, thus optimizing the overall performance in the end application. The way of calculating the power losses is given below: TOTAL LOSSES due to the diode P = P1+ P2+ P3+ P4+ P5 Watts CONDUCTION LOSSES in the diode REVERSE LOSSES in the diode SWITCHING LOSSES in the diode Fig. A : "FREEWHEEL" MODE. SWITCHING TRANSISTOR bs O let oV R Pr e du o t T (s) ct so Ob - te le ro P SWITCHING LOSSES in the tansistor due to the diode uc d s) t( DIODE: TURBOSWITCH IL F = 1/T = t/T LOAD 5/8 STTA2006P/PI APPLICATION DATA (Cont'd) Fig. B: STATIC CHARACTERISTICS Conduction losses : I P1 = Vt0 . IF(AV) + Rd . IF2(RMS) IF Rd VR V IR V tO VF Reverse losses : P2 = VR . IR . (1 - ) Fig. C: TURN-OFF CHARACTERISTICS V IL TRANSISTOR I t Turn-on losses : (in the transistor, due to the diode) P5 = V R x I RM I dI F /dt V I RM ta tb dI R /dt DIODE Fig. D: TURN-ON CHARACTERISTICS bs O let o IF 0 V Fp ro P e trr = ta + tb du ct t (s) so Ob - 6 x dI F dt V R x I RM x I L x ( S + 2 ) x F + 2 x dI F dt te le P3 = ro P 2 uc d s) t( x( 3+ 2xS )xF Turn-off losses (in the diode) : V R x I RM 2 xSxF 6 x dI F dt VR S = tb / ta P3 and P5 are suitable for power MOSFET and IGBT dI F /dt I Fmax t VF Turn-on losses : P4 = 0.4 (VFP - VF) . IFmax . tfr . F 1.1V F 0 tfr VF t 6/8 STTA2006P/PI PACKAGE MECHANICAL DATA SOD93 DIMENSIONS REF. A C D D1 E F F3 G H L L2 L3 L5 L6 O Cooling method : by conduction (C) Recommended torque value : 0.8 m.N Maximum torque value : 1.0 m.N 3.95 4.00 18.0 31.00 10.80 14.70 0.50 1.10 1.75 11.10 0.425 15.20 0.578 12.20 16.20 Millimeters 4.70 1.17 2.50 1.27 0.78 0.020 1.30 0.043 0.069 0.437 4.90 0.185 1.37 0.046 0.098 0.050 0.031 0.051 Inches 0.193 0.054 Min. Typ. Max. Min. Typ. Max. s s s bs O let o Pr e du o (s) ct so Ob - te le Pr 4.15 0.156 4.10 0.157 od uc s) t( 0.598 0.480 0.638 0.709 0.163 0.161 1.220 7/8 STTA2006P/PI PACKAGE DATA DOP3I ISOLATED DIMENSIONS REF. A B C D E F G H K L N P R Cooling method : by conduction (C) Recommended torque value : 0.8 m.N. Maximum torque value : 1.0 m.N. Millimeters Min. 4.4 1.45 14.35 0.5 2.7 15.8 20.4 15.1 3.4 4.08 10.8 1.20 4.60 Typ. Max. Min. 4.6 0.173 1.55 0.057 15.60 0.565 0.7 2.9 0.020 0.106 Inches Typ. Max. 0.181 0.061 0.614 0.028 0.114 0.650 0.831 0.610 0.144 0.444 16.5 0.622 21.1 0.815 15.5 0.594 3.65 0.134 4.17 0.161 11.3 0.425 s s s Ordering type STTA2006P STTA2006PI s Marking STTA2006P STTA2006PI Package Epoxy meets UL94,V0 bs O Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. let o Pr e du o ct SOD93 DOP3I (s) so Ob Weight 3.79g 4.52g te le ro P 1.40 0.047 uc d s) t( 0.164 0.055 0.181 Base qty 30 120 Delivery mode Tube Bulk The ST logo is a registered trademark of STMicroelectronics (c) 2002 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com 8/8 |
Price & Availability of STTA2006P02 |